PART |
Description |
Maker |
ID8155 8156H P8155 P8156 8155H D8156 D8155H-2B ID8 |
2048-Bit Static MOS RAM with I/O Ports and Timer 2048-Bit Static MOS RAM with I/O Ports and Timer 22 I/O, PIA-GENERAL PURPOSE, CDIP40 RESISTOR CER .30 OHM 3W RADIAL 2048位静态马鞍山内存与I / O端口和定时器 (ID8155 / ID8156) 2048-Bit Static MOS RAM with I/O Ports and Timer
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HM6117LFP-4 |
2048-word x 8-Bit High Speed Static CMOS RAM
|
Hitachi Semiconductor
|
CXK5816 CXK5816PN CXK5816PN_M-10 CXK5816PN_M-10L C |
2048 word x 8 Bit High Speed CMOS Static RAM 2048-WORD 8 BIT HIGH SPEED CMOS STATIC RAM
|
Sony Corporation
|
CXK5814P-35L CXK5814P-55L CXK5814P CXK5814P-35 CXK |
2048-WORD X 8 BIT HIGH SPEED CMOS STATIC RAM 2048字8位高速CMOS静态RAM XTRSM,MOSFET SI2309DS-T1
|
Sony, Corp. SONY[Sony Corporation]
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
UPD43257BGU-70L UPD43257BGU-70LL UPD43257BGU-85L U |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
KM681001A KM681001A-15 KM681001A-20 |
128K x 8 Bit High-Speed CMOS Static RAM 128Kx8 Bit High Speed Static RAM(5V Operating), Evolutionary Pin out. From old datasheet system
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|